Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1509 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1509
Description  150KHz, 2A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated AP1509 Datasheet HTML 10Page - Diodes Incorporated AP1509 Datasheet HTML 11Page - Diodes Incorporated AP1509 Datasheet HTML 12Page - Diodes Incorporated AP1509 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP1509
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509
Document number: DS31016 Rev. 4 - 2
9 of 13
www.diodes.com
June 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Header Frequency vs. Temperature
Feedback Voltage vs. Temperature
(VIN=15V, VOUT=5V)
0
100
200
300
400
500
600
700
800
900
1000
-40
10
60
110
Temperature (
oC)
1.22
1.23
1.24
1.25
1.26
-40
10
60
110
Temperature (
oC)
Supply Current vs. Temperature
(VIN=15V, VOUT=5V, lOUT=0A)
Supply Current vs. Supply Voltage
(VIN=15V, VOUT=5V, lOUT=0A)
0
0.5
1
1.5
2
2.5
3
-40
10
60
110
Temperature (
oC)
0
0.5
1
1.5
2
2.5
3
0
5
10
15
Supply Voltage (V)
Efficiency vs. Output Current
(VIN=15V, VOUT=5V)
Efficiency vs. Output Current
(VIN=15V, VOUT=3.3V)
70
75
80
85
90
020
40
60
Output Current (mA)
55
65
75
85
020
40
60
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com