Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1520SL-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1520SL-13
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1520SL-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1520SL-13 Datasheet HTML 1Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 2Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 3Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 4Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 5Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 6Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 7Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 8Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1520
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 5
2 of 9
JULY 2009
DS31174
www.diodes.com
© Diodes Incorporated
Lead-free
AP1520 S X - 13
Package
Packing
13 : Tape & Reel
S : SOP-8L
Lead Free
L : Lead Free
G : Green
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP1520SL-13
S
SOP-8L
2500/Tape & Reel
-13
AP1520SG-13
S
SOP-8L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Pin Assignments
( Top View )
1
2
3
4
8
7
6
5
FB
Output
OCSET
SOP-8L
AP1520
Output
EN
Vss
Vss
VCC
Pin Descriptions
Pin Name
Pin No.
Description
FB
1
Feedback pin
EN
2
Enable Input pin
H: Normal operation
(Step-down operation)
L: Step-down operation stopped
(All circuits deactivated)
OCSET
3
Add an external resistor to set max output current
VCC
4
IC power supply pin
Output
5, 6
Switch Pin. Connect external inductor/diode here.
Minimize trace area at this pin to reduce EMI
VSS
7, 8
GND Pin
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com