Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1538 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1538
Description  18V 3A 300KHz BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1538 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1538 Datasheet HTML 1Page - Diodes Incorporated AP1538 Datasheet HTML 2Page - Diodes Incorporated AP1538 Datasheet HTML 3Page - Diodes Incorporated AP1538 Datasheet HTML 4Page - Diodes Incorporated AP1538 Datasheet HTML 5Page - Diodes Incorporated AP1538 Datasheet HTML 6Page - Diodes Incorporated AP1538 Datasheet HTML 7Page - Diodes Incorporated AP1538 Datasheet HTML 8Page - Diodes Incorporated AP1538 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP1538
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
2 of 13
OCTOBER 2009
DS31451
www.diodes.com
© Diodes Incorporated
Ordering Information
AP 1538 XXX G - 13
Package
Packing
S : SOP-8L
Green
13 : Tape & Reel
G : Green
SDP : SOP-8L-DEP
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP1538SG-13
S
SOP-8L
2500/Tape & Reel
-13
AP1538SDPG-13
SDP
SOP-8L-DEP
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Pin Assignments
(1) SOP-8L
(2) SOP-8L-DEP (Dual Exposed Pads)
1
2
3
4
8
7
6
5
FB
Output
OCSET
Output
EN
Vss
Vss
VCC
( Top View )
1
2
3
4
8
7
6
5
FB
Output
OCSET
Output
EN
Vss
Vss
VCC
1
2
( Top View )
(Note 3)
Notes:
3. Exposed pad 1 is connected to VSS and exposed pad 2 is connected to Output. The board layout for exposed pads needs to be considered to
avoid short circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com