Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3670 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3670
Description  Strobe Flash Applications Medium Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3670 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3670 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3670 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3670 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3670 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3670
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC3670
Strobe Flash Applications
Medium Power Amplifier Applications
• High DC current gain and excellent hFE linearity
: hFE (1) = 140 to 600 (VCE = 1 V, IC = 0.5 A)
: hFE (2) = 70 (min), 200 (typ.), (VCE = 1 V, IC = 2 A)
• Low saturation voltage: VCE (sat) = 0.5 V (max)
(IC = 2 A, IB = 50 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
VCES
30
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
6
V
DC
IC
2
Collector current
Pulsed
(Note 1)
ICP
5
A
Base current
IB
0.5
A
Collector power dissipation
PC
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Pulse test: Pulse width = 10 ms (max), duty cycle = 30% (max)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 30 V, IE = 0
―
―
100
nA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
―
―
100
nA
Collector-emitter breakdown voltage
VCEO
IC = 10 mA, IB = 0
10
―
―
V
Emitter-base breakdown voltage
VEBO
IC = 1 mA, IC = 0
6
―
―
V
hFE (1)
(Note 2)
VCE = 1 V, IC = 0.5 A
140
―
600
DC current gain
hFE (2)
VCE = 1 V, IC = 2 A
70
200
―
Collector-emitter saturation voltage
VCE (sat)
IC = 2 A, IB = 50 mA
―
0.2
0.5
V
Base-emitter voltage
VBE
VCE = 1 V, IC = 2 A
―
0.86
1.5
V
Transition frequency
fT
VCE = 1 V, IC = 0.5 A
―
150
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
27
―
pF
Note 2: hFE (1) classification A: 140 to 240, B: 200 to 330, C: 300 to 450, D: 420 to 600
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7D101A
Weight: 0.2 g (typ.)


Similar Part No. - 2SC3670

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3670 TOSHIBA-2SC3670 Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM OWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC3670

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com