Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1605 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1605
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1605 Datasheet HTML 1Page - Diodes Incorporated AP1605 Datasheet HTML 2Page - Diodes Incorporated AP1605 Datasheet HTML 3Page - Diodes Incorporated AP1605 Datasheet HTML 4Page - Diodes Incorporated AP1605 Datasheet HTML 5Page - Diodes Incorporated AP1605 Datasheet HTML 6Page - Diodes Incorporated AP1605 Datasheet HTML 7Page - Diodes Incorporated AP1605 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1605
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
REGULATOR
AP1605 Rev. 2
2 of 8
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Pin Assignments
1
2
3
4
8
7
6
5
FB
SW
Vcc
SW
CE
Vss
Vss
PVcc
( Top View )
SOP-8L
Pin Descriptions
Pin Name
Pin No.
Description
FB
1
Feedback pin
CE
2
Chip Enable:
H: Enable
L: Disable
Vcc
3
IC signal power supply pin, add a 10
Ω resistor to PVcc and a 0.1µF
capacitor to GND.
PVcc
4
IC power supply pin
SW
5, 6
Switch Pin. Connect external inductor/diode here. Minimize trace
area at this pin to reduce EMI.
Vss
7, 8
GND Pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com