Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1609SL-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1609SL-13
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1609SL-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1609SL-13 Datasheet HTML 1Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 2Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 3Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 4Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 5Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 6Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 7Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 8Page - Diodes Incorporated AP1609SL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP1609
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
6 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
0
30
60
90
120
150
180
210
33.5
44.5
55.5
6
Vcc vs. Supply Current
Vcc (V)
VCE=Vcc
Vcc vs. Frequency
100
150
200
250
300
350
400
3
3.5
4
4.5
5
5.5
6
Vcc (V)
Load = 300mA
Line Regulation
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
33.544.555.5
6
Vcc (V)
Load = 50mA
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
200
400
600
800
1000
Load (mA)
Load Regulation
Vcc = 5V
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Load (A)
Load vs. Efficiency
Vcc = 3.3V,Vout = 5V
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Load (A)
Load vs. Efficiency
Vcc = 5V,Vout = 12V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com