Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2004 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2004
Description  PWM BUCK CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2004 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2004 Datasheet HTML 1Page - Diodes Incorporated AP2004 Datasheet HTML 2Page - Diodes Incorporated AP2004 Datasheet HTML 3Page - Diodes Incorporated AP2004 Datasheet HTML 4Page - Diodes Incorporated AP2004 Datasheet HTML 5Page - Diodes Incorporated AP2004 Datasheet HTML 6Page - Diodes Incorporated AP2004 Datasheet HTML 7Page - Diodes Incorporated AP2004 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP2004
PWM BUCK CONTROLLER
AP2004 Rev. 3
4 of 8
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (T
A = 25ºC, VCC = 6V, f = 200 Khz)
Reference (REF)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VREF
Comp connect to FB
1.225
1.25
1.275
V
Output voltage change with
temperature
TA = -20ºC ~ 25ºC
-0.1
±1
%
TA = 25ºC ~ 85ºC
-0.2
±1
%
Under voltage lockout (UVLO)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VUT
Upper threshold voltage (VCC)
IO(REF) = 0.1mA
TA = 25ºC
2.9
V
VLWT
Lower threshold voltage (VCC)
2.4
V
VHT
Hysteresis (VCC)
500
mV
Short-circuit protection (SCP) control
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VIT
Input threshold voltage
TA = 25ºC
0.60
0.67
0.75
V
VSTB
Standby voltage
No pull up
100
130
160
mV
VLT
Latched input voltage
No pull up
50
100
mV
ISCP
Input (source) current
VI = 0.7V, TA = 25ºC
-10
-15
-20
µA
VCT
Comparator threshold voltage
(COMP)
1.5
V
Oscillator (OSC)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
FOSC
Frequency
CT = 270 pF
200
KHz
ΔF
OSC
Standard deviation of frequency
CT = 270 pF
10
%
Frequency change with voltage
VCC = 3.6V ~ 20V
1
Error-amplifier
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VIO
Input offset voltage
VO (FB) = 1.25V
±6
mV
IIO
Input offset current
VO (FB) = 1.25V
±100
nA
IIB
Input bias current
VO (FB) = 1.25V
160
500
nA
VCM
Common-mode input voltage range
VCC = 3.6V ~ 20V
1.05
1.45
V
AV
Open-loop voltage amplification
RF = 200 kΩ
70
80
dB
GBW
Unity-gain bandwidth
1.5
MHz
CMRR
Common-mode rejection ratio
60
80
dB
VOH
Max. output voltage
Vref-0.1
V
VOL
Min. output voltage
1
V
IOI
Output (sink) current (COMP)
VID = -0.1V, VO = 1.25V
0.5
1.6
mA
IOO
Output (source) current (COMP)
VID = 0.1V, VO = 1.25V
-45
-70
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com