Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2014 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2014
Description  SYNCHRONOUS PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2014 Datasheet HTML 1Page - Diodes Incorporated AP2014 Datasheet HTML 2Page - Diodes Incorporated AP2014 Datasheet HTML 3Page - Diodes Incorporated AP2014 Datasheet HTML 4Page - Diodes Incorporated AP2014 Datasheet HTML 5Page - Diodes Incorporated AP2014 Datasheet HTML 6Page - Diodes Incorporated AP2014 Datasheet HTML 7Page - Diodes Incorporated AP2014 Datasheet HTML 8Page - Diodes Incorporated AP2014 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP2014/A
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
2 of 14
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Pin Assignment
1
2
3
4
8
7
6
5
FB
Vc
LDrv
HDrv
VCC
SS
Comp
GND
( Top View )
SOP-8L
Pin Descriptions
Pin Name
Pin No.
Description
FB
1
This pin is connected directly to the output of the switching regulator via resistor
divider to provide feedback to the Error amplifier.
Vcc
2
This pin provides biasing for the internal blocks of the IC as well as power for the
low side driver. A minimum of 1uF, high frequency capacitor must be connected
from this pin to ground to provide peak drive current capability.
LDrv
3
Output driver for the synchronous power MOSFET.
GND
4
This pin serves as the ground pin and must be connected directly to the ground
plane. A high frequency capacitor (0.1 to 1uF) must be connected from V5 and
V12 pins to this pin for noise free operation.
HDrv
5
Output driver for the high side power MOSFET.
Vc
6
This pin is connected to a voltage that must be at least 4V higher than the bus
voltage of the switcher (assuming 5V threshold MOSFET) and powers the high
side output driver. A minimum of 1uF, high frequency capacitor must be
connected from this pin to ground to provide peak drive current capability.
Comp
7
Compensation pin of the error amplifier. An external resistor and capacitor
network is typically connected from this pin to ground to provide loop
compensation.
SS
8
This pin provides soft-start for the switching regulator. An internal current source
charges an external capacitor that is connected from this pin to ground which
ramps up the output of the switching regulator, preventing it from overshooting as
well as limiting the input current. The converter can be shutdown by pulling this
pin below 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com