Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2014SL-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2014SL-13
Description  SYNCHRONOUS PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014SL-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2014SL-13 Datasheet HTML 1Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 2Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 3Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 4Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 5Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 6Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 7Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 8Page - Diodes Incorporated AP2014SL-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP2014/A
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
1 of 14
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
•
Synchronous Controller in 8-Pin Package
•
Operating with single 5V or 12V supply voltage
•
Internal 200KHz Oscillator (400KHz for AP2014A)
•
Soft-Start Function
•
Fixed Frequency Voltage Mode
•
500mA Peak Output Drive Capability
•
Protects the output when control FET is shorted
•
Lead Free Package SOP-8L
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
The AP2014 controller IC is designed to provide a low cost
synchronous Buck regulator for on-board DC to DC converter
applications. With today’s ASIC products requiring supply voltages
at 1.8V and lower, when the output current is as much as 3A and
the input voltage is at either 3.3V or 5V, traditional linear regulator
simply incurs too much loss within itself. The AP2014 together with
dual N-channel MOSFETs provide a low cost solution for such
applications. This device features an internal 200KHz oscillator
(400KHz for "A" version), under-voltage lockout for both Vcc and
Vc supplies, an external programmable soft-start function as well
as output under-voltage detection that latches off the device when
an output short is detected.
Applications
•
Graphic Card
•
Hard Disk Drive
•
DDR memory source sink Vtt application
•
Low cost on-board DC to DC such as 5V to 3.3V, 2.5V or 1.8V
Ordering Information
AP 2014/A S X - 13
Package
Packing
Lead Free
13 : Tape & Reel
S : SOP-8L
L : Lead Free
G : Green
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP2014SL-13
S
SOP-8L
2500/Tape & Reel
-13
AP2014SG-13
S
SOP-8L
2500/Tape & Reel
-13
AP2014ASL-13
S
SOP-8L
2500/Tape & Reel
-13
AP2014ASG-13
S
SOP-8L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description


Similar Part No. - AP2014SL-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2014S ANACHIP-AP2014S Datasheet
233Kb / 12P
Synchronous PWM Controller
Rev. 1.2 Nov 29, 2005
AP2014SA ANACHIP-AP2014SA Datasheet
233Kb / 12P
Synchronous PWM Controller
Rev. 1.2 Nov 29, 2005
logo
Diodes Incorporated
AP2014SM DIODES-AP2014SM Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
AP2014SM-13 DIODES-AP2014SM-13 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
AP2014SM-7 DIODES-AP2014SM-7 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
More results

Similar Description - AP2014SL-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
Synchronous PWM Controller
Rev. 0.1 Feb.10, 2004
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
Synchronous PWM Controller
November, 2010 ??Rev. 3
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com