Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2171 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2171
Description  1A SINGLE CHANNEL CURRENT-LIMITED POWER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2171 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2171 Datasheet HTML 1Page - Diodes Incorporated AP2171 Datasheet HTML 2Page - Diodes Incorporated AP2171 Datasheet HTML 3Page - Diodes Incorporated AP2171 Datasheet HTML 4Page - Diodes Incorporated AP2171 Datasheet HTML 5Page - Diodes Incorporated AP2171 Datasheet HTML 6Page - Diodes Incorporated AP2171 Datasheet HTML 7Page - Diodes Incorporated AP2171 Datasheet HTML 8Page - Diodes Incorporated AP2171 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AP2161/AP2171
1A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2161/AP2171 Rev. 6
2 of 19
JUNE 2009
DS31564
www.diodes.com
© Diodes Incorporated
AP 21 X 1 XX G - X
6 : Active Low
7 : Active High
G : Green
7/13 : Tape & Reel
1 : 1 Channel
Channel
Green
Package
Enable
Packing
W : SOT25
S : SOP-8L
MP : MSOP-8L-EP
FM : DFN2018-6
Device
Package
Code
Packaging
(Note 2)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP21X1WG-7
W
SOT25
3000/Tape & Reel
-7
AP21X1SG-13
S
SOP-8L
2500/Tape & Reel
-13
AP21X1MPG-13
MP
MSOP-8L-EP
2500/Tape & Reel
-13
AP21X1FMG-7
FM
DFN2018-6
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
SOP-8L
( Top View )
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
MSOP-8L-EP
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
( Top View )
EN
OUT
GND
IN
FLG
1
2
3
5
4
SOT25
( Top View )
FLG
EN
GND
OUT
OUT
IN
1
3
2
4
5
6
DFN2018-6
( Top View )
Ordering Information
Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com