Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3803 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3803
Description  High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3803 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3803 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3803 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3803 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3803 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3803
2004-07-07
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Ambient temperature Ta (°C)
PC – Ta
0
120
80
100
40
60
0
0.6
0.2
1.0
0.4
1.2
20
160
140
0.8
(1)
(2)
(1) Mounted on a ceramic
substrate (250 mm
2
× 0.8 t)
(2) No heat sink
Collector current IC (mA)
VBE (sat) – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
hFE – IC
Common
emitter
Ta
= −55°C
IB = 0.4 mA
0.8
0
1.2
1.6
2.0
2.5
3.0
0
40
80
120
160
200
0
1
2
3
4
5
0.1
1
1
100
30
0.3
0.3
0.5
Common emitter
IC/IB = 10
0.1
3
10
3
5
Ta
= −55°C
25
100
300
Common
emitter
Ta
= 25°C
0
0
1
40
2
3
4
5
80
120
160
200
IB = 0.2 mA
1.0
1.5
0.8
2.5
0
2.0
1.2
0.6
0.4
300
1000
500
Common emitter
VCE = 3 V
10
100
30
50
Ta
= 100°C
25
−55
0.1
1
100
30
0.3
3
10
300
0
40
80
120
160
200
Common emitter
Ta
= 100°C
IB = 0.1 mA
0.2
0
0
1
2
3
4
5
0.3
0.4
0.5
0.7
1.0
1.5
3.0
Common emitter
IC/IB = 10
Ta
= 100°C
25
−55
0.1
0.1
1
100
30
0.3
0.03
0.05
0.01
3
10
0.3
0.5
300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com