Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6015 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP6015_09 Datasheet HTML 9Page - Diodes Incorporated AP6015_09 Datasheet HTML 10Page - Diodes Incorporated AP6015_09 Datasheet HTML 11Page - Diodes Incorporated AP6015_09 Datasheet HTML 12Page - Diodes Incorporated AP6015_09 Datasheet HTML 13Page - Diodes Incorporated AP6015_09 Datasheet HTML 14Page - Diodes Incorporated AP6015_09 Datasheet HTML 15Page - Diodes Incorporated AP6015_09 Datasheet HTML 16Page - Diodes Incorporated AP6015_09 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
13 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Power Good
(PG)
The PG comparator has an open drain output capable of sinking typically 10mA. The PG is only active when
the AP6015 is enable (EN=high). When the AP6015 is disable (EN=low), the PG pin is high impedance.
If the PG pin is connected to the output of the AP6015 with a pull-up resistor, no initial spike occurs and
precautions have to be taken during start-up.
The PG pin becomes active high when the output voltage exceeds typically 92% of its nominal value. Leave
the PG pin unconnected when not used.
PG Sink Current vs. ExteranI Voltage
0
5
10
15
20
25
2
2.5
3
3.6
4
4.5
5
5.5
External Voltage (V)
Application Information
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com