Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4409 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC4409
Description  Power Amplifier Applications Power switching applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4409 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC4409 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4409 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4409 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4409 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4409
2004-07-07
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
hFE – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe operating area
0
3
2
1
0
0.8
2.4
Common emitter
Ta
= 25°C
2.0
IB = 2 mA
50
30
4
5
4
0.4
1.2
100
10
6
0
1.6
15
20
Collector current
IC (mA)
VBE (sat) – IC
1
10
1000
300
3
Common emitter
IC/IB = 20
30
100
0.2
0.5
Ta
= −25°C
25
100
3000
1
3
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
0.1
10
1
0.3
0.001
1
10
5
3
DC Operation
(Ta
= 25°C)
0.1
3
100
0.005
0.003
0.3
0.5
IC max (pulsed)*
IC max (continuous)
100 ms*
10 ms*
1 ms*
VCEO max
30
0.01
0.03
0.05
1
0.1
10
1000
300
3
0.03
0.05
Common emitter
IC/IB = 20
0.01
30
100
0.3
0.5
Ta
= 100°C
25
−25
3000
1
3
0
0.8
0.4
0.2
0
0.8
2.0
Common emitter
VCE = 2 V
1.6
0.6
−25
25
Ta
= 100°C
0.4
1.2
1.2
1.0
−25
25
1
30
3000
100
10
3
300
500
300
100
50
30
10
1000
Ta
= 100°C
Common emitter
VCE = 2 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com