Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6015 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP6015 Datasheet HTML 10Page - Diodes Incorporated AP6015 Datasheet HTML 11Page - Diodes Incorporated AP6015 Datasheet HTML 12Page - Diodes Incorporated AP6015 Datasheet HTML 13Page - Diodes Incorporated AP6015 Datasheet HTML 14Page - Diodes Incorporated AP6015 Datasheet HTML 15Page - Diodes Incorporated AP6015 Datasheet HTML 16Page - Diodes Incorporated AP6015 Datasheet HTML 17Page - Diodes Incorporated AP6015 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
17 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Marking Information
6015XX
( Top View )
Y W X
Part Number
Logo
A~Z : Green
98
7
6
1
24
5
10
3
MSOP-10L
XX : 18 for 1.8V
25 for 2.5V
33 for 3.3V
Blank for ADJ
Y : Year : 0~9
a~z : 27~52 week; z represents
W : Week : A~Z : 1~26 week;
52 and 53 week
Package Information
(All Dimensions in mm)
(1) Package type: MSOP-10L
2.95/3.05
0.17/0.27
0.10
0.4/0.7
Gauge plane
"A"
DETAIL "A"
Seting plane
0.5Typ.
C
C
10x-0.30
8x-0.50
Land Pattern Recommendation
(Unit:mm)
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com