Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6714 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP6714
Description  1.8MHz SYNCHRONOUS BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6714 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP6714 Datasheet HTML 1Page - Diodes Incorporated AP6714 Datasheet HTML 2Page - Diodes Incorporated AP6714 Datasheet HTML 3Page - Diodes Incorporated AP6714 Datasheet HTML 4Page - Diodes Incorporated AP6714 Datasheet HTML 5Page - Diodes Incorporated AP6714 Datasheet HTML 6Page - Diodes Incorporated AP6714 Datasheet HTML 7Page - Diodes Incorporated AP6714 Datasheet HTML 8Page - Diodes Incorporated AP6714 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP6714
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
2 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
( Top View )
MSOP-10L
FB
REF
SGND
OCP
Vcc
EN
CC
OUT
LX
PGND
1
2
3
4
56
7
8
9
10
Pin Name
Pin #
Description
VCC
1
Power Input pin
EN
2
Enable Channel
CC
3
Channel Compensation Pin
FB
4
Channel Feedback Pin
REF
5
Internal Reference Voltage
SGND
6
Signal Ground
PGND
7
Power Ground
OCP
8
Over Current Protection
LX
9
SW Pin
OUT
10
Boost Output Pin
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com