Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4540 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC4540
Description  Power Amplifier Applications Power Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4540 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC4540 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4540 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4540 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4540 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4540
2004-07-07
3
Collector-emitter voltage VCE (V)
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VBE (sat) – IC
IC – VCE
0
16
8
4
0
0.6
1.0
Common emitter
Ta
= 25°C
0.8
IB = 1 mA
12
10
0
0.2
0.4
8
6
4
3
2
20
Base-emitter voltage VBE (V)
IC – VBE
Ambient temperature Ta (°C)
PC – Ta
0
0.4
40
100
20
0.2
0
60
80
0.8
1.0
1.4
120
(1) Mounted on a ceramic substrate
(250 mm
2
× 0.8 t)
(2) No heat sink
140
160
0.6
1.2
(1)
(2)
0
1.2
0.4
0
0.8
1.2
1.0
0.8
0.4
0.6
1.6
2.0
0.2
Common emitter
VCE = 2 V
Ta
= 100°C
25
−25
1
30
30
3000
3
10
1
100
300
100
300
1000
3
Common emitter
VCE = 2 V
Ta
= 100°C
25
−25
10
1000
1
0.3
30
3000
3
0.1
0.01
100
300
1
3
10
0.03
Common emitter
IC/IB = 20
Ta
= −25°C
25
100
10
1000
1
3
30
3000
3
1
0.1
100
300
10
30
100
0.3
Common emitter
IC/IB = 20
Ta
= −25°C
25
100
10
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com