Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7217
Description  500mA CMOS LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7217 Datasheet HTML 1Page - Diodes Incorporated AP7217 Datasheet HTML 2Page - Diodes Incorporated AP7217 Datasheet HTML 3Page - Diodes Incorporated AP7217 Datasheet HTML 4Page - Diodes Incorporated AP7217 Datasheet HTML 5Page - Diodes Incorporated AP7217 Datasheet HTML 6Page - Diodes Incorporated AP7217 Datasheet HTML 7Page - Diodes Incorporated AP7217 Datasheet HTML 8Page - Diodes Incorporated AP7217 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP7217
500mA CMOS LDO
AP7217
Document number: DS31292 Rev. 4 - 2
3 of 10
www.diodes.com
April 2010
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
450
V
VIN
Input Voltage
+6
V
IOUT
Output Current
PD/ (VIN-VO)
mA
VROUT
Output Voltage
GND - 0.3 ~ VIN+ 0.3
V
TJ
Operating Junction Temperature Range
-40 to +125
ºC
TJ(MAX)
Maximum Junction Temperature
150
ºC
PD
Internal Power Dissipation
1.2
W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
3.3
5.5
V
IOUT
Output Current
0
500
mA
TA
Operating Ambient Temperature
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com