Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX358 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APX358
Description  LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX358 Datasheet(HTML) 3 Page - Diodes Incorporated

  APX358 Datasheet HTML 1Page - Diodes Incorporated APX358 Datasheet HTML 2Page - Diodes Incorporated APX358 Datasheet HTML 3Page - Diodes Incorporated APX358 Datasheet HTML 4Page - Diodes Incorporated APX358 Datasheet HTML 5Page - Diodes Incorporated APX358 Datasheet HTML 6Page - Diodes Incorporated APX358 Datasheet HTML 7Page - Diodes Incorporated APX358 Datasheet HTML 8Page - Diodes Incorporated APX358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
APX321/APX358/APX324
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
SINGLE/DUAL/QUAD OPERATIONAL AMPLIFIERS
APX321/APX358/APX324 Rev. 13
3 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
(Note 6)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD
Protection
APX321
4000
V
APX358
4000
APX324
4500
ESD MM
Machine Model ESD Protection
APX321
350
V
APX358
350
APX324
250
Differential Input Voltage
±Supply Voltage
V
V
+ -V-
Supply Voltage
5.5
V
Output Short Circuit to V
+
(Note 7)
Output Short Circuit to V
-
(Note 8)
TST
Storage Temperature
-65 to 150
°C
TJ
Maximum Junction Temperature
150
°C
Operating Ratings
(Note 6)
Symbol
Description
Rating
Unit
V
+ -V-
Supply Voltage
2.5 to 5.5
V
TA
Operating Ambient Temperature Range
-40 to +85
°C
Notes:
6. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the
Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com