Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX393 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APX393
Description  LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX393 Datasheet(HTML) 2 Page - Diodes Incorporated

  APX393 Datasheet HTML 1Page - Diodes Incorporated APX393 Datasheet HTML 2Page - Diodes Incorporated APX393 Datasheet HTML 3Page - Diodes Incorporated APX393 Datasheet HTML 4Page - Diodes Incorporated APX393 Datasheet HTML 5Page - Diodes Incorporated APX393 Datasheet HTML 6Page - Diodes Incorporated APX393 Datasheet HTML 7Page - Diodes Incorporated APX393 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
APX393/APX339
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
COMPARATORS
APX393/APX339 Rev. 5
2 of 8
FEBRUARY2008
www.diodes.com
© Diodes Incorporated
( Top View )
1
2
3
7
6
5
4
8
MSOP-8L / SOP-8L
OUTA
INA-
INA+
V-
V+
OUTB
INB-
INB+
B
+ -
A
- +
OUTB
V+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
( Top View )
.
TSSOP-14L
OUTA
INA-
INA+
INB-
INB+
OUTC
V-
OUTD
IND+
IND-
INC+
INC-
A
- +
B
- +
C
- +
D
- +
Absolute Maximum Ratings
(Note 5)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model
APX393
4000
V
APX339
3500
ESD MM
Machine Model
APX393
400
V
APX339
400
Differential Input Voltage
±Supply Voltage
V
Voltage On Any Pin (Referred to V
- Pin)
5.5
V
TST
Storage Temperature
-65 to 150
°C
TJ
Maximum Junction Temperature
150
°C
Operating Ratings
(Note 5)
Symbol
Description
Rating
Unit
V
+ -V-
Supply Voltage
2.5 to 5.5
V
TA
Operating Temperature Range
-40 to +85
°C
Notes:
5. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the
Electrical Characteristics.
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com