Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS137 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ATS137
Description  SINGLE HALL EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS137 Datasheet(HTML) 2 Page - Diodes Incorporated

  ATS137 Datasheet HTML 1Page - Diodes Incorporated ATS137 Datasheet HTML 2Page - Diodes Incorporated ATS137 Datasheet HTML 3Page - Diodes Incorporated ATS137 Datasheet HTML 4Page - Diodes Incorporated ATS137 Datasheet HTML 5Page - Diodes Incorporated ATS137 Datasheet HTML 6Page - Diodes Incorporated ATS137 Datasheet HTML 7Page - Diodes Incorporated ATS137 Datasheet HTML 8Page - Diodes Incorporated ATS137 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ATS137
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
2 of 12
FEBRUARY 2010
DS31045
www.diodes.com
© Diodes Incorporated
ATS 137 - X X - X - X
Packing
7 : Tape & Reel
B : Bulk (Note 4)
A : Ammo Box (Note 3)
P : SIP-3L
W : SC59-3L
Package
Lead Free
L : Lead Free
Magnetic
Characteristics
A or B (Note 5)
G : Green
Device
Package
Code
Packaging
(Note 2)
Bulk
7” Tape and Reel
Ammo Box
Magnetic
Characteristics
(Note 5)
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
ATS137-PL-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
ATS137-PL-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
ATS137-PL-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
ATS137-PL-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
ATS137-PG-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
ATS137-PG-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
ATS137-PG-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
ATS137-PG-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
ATS137-WL-7-A
W
SC59-3L
NA
NA
3000/Tape & Reel
-7
NA
NA
A
ATS137-WG-7-A
W
SC59-3L
NA
NA
3000/Tape & Reel
-7
NA
NA
A
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Ammo Box is for SIP-3L Spread Lead.
4. Bulk is for SIP-3L Straight Lead.
5. Please refer the Magnetic Characteristics table, B is available in SIP-3L package only.
(1) SIP-3L
(2) SC59-3L
( Top View )
1. Vcc
2. GND
3. DO
1. Vcc
GND 2.
3. DO
( Top View )
Ordering Information
Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com