Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4812SS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # G4812SS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

G4812SS Datasheet(HTML) 2 Page - Diodes Incorporated

  G4812SS Datasheet HTML 1Page - Diodes Incorporated G4812SS Datasheet HTML 2Page - Diodes Incorporated G4812SS Datasheet HTML 3Page - Diodes Incorporated G4812SS Datasheet HTML 4Page - Diodes Incorporated G4812SS Datasheet HTML 5Page - Diodes Incorporated G4812SS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG4812SSS
Document number: DS35071 Rev. 2 - 2
2 of 6
www.diodes.com
January 2011
© Diodes Incorporated
DMG4812SSS
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 4) VGS = 10V
Steady
State
TA = 25°C
TA = 85°C
ID
8
6.4
A
Continuous Drain Current (Note 5) VGS = 10V
t
≤ 10 sec
TA = 25°C
TA = 85°C
ID
10.7
8.6
A
Continuous Drain Current (Note 5) VGS = 4.5V
t
≤ 10 sec
TA = 25°C
TA = 85°C
ID
9.6
7.7
A
Pulsed Drain Current (Note 6)
IDM
45
A
Avalanche Current (Notes 6 & 7)
IAR
13
A
Repetitive Avalanche Energy (Notes 6 & 7) L = 0.3mH
EAR
25.4
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1.54
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 4)
RθJA
81
°C/W
Power Dissipation (Note 5)
PD
2.8
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 5)
RθJA
45
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @ TA = 25°C unless otherwise stated
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
-
-
150
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
-
2.3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
11
15
m
Ω
VGS = 10V, ID = 10.7A
-
16.5
18.5
VGS = 4.5V, ID = 9.6A
Forward Transfer Admittance
|Yfs|
-
20
-
S
VDS = 5V, ID = 10.7A
Diode Forward Voltage
VSD
-
0.36
0.5
V
VGS = 0V, IS = 1A
Maximum Body-Diode + Schottky Continuous Current
IS
-
-
5
A
-
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
1849
-
pF
VDS =15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
158
-
pF
Reverse Transfer Capacitance
Crss
-
123
-
pF
Gate Resistance
Rg
0.54
2.0
4.0
Ω
VDS =0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
-
18.5
-
nC
VDS = 15V, VGS = 10V,
ID = 9.6A
Total Gate Charge VGS = 10V
Qg
-
43
-
nC
Gate-Source Charge
Qgs
-
4.7
-
nC
Gate-Drain Charge
Qgd
-
4.0
-
nC
Turn-On Delay Time
tD(on)
-
6.62
-
ns
VGS = 10V, VDS = 15V,
RG = 3Ω, RL = 15Ω, ID = 1A
Turn-On Rise Time
tr
-
8.73
-
ns
Turn-Off Delay Time
tD(off)
-
36.41
-
ns
Turn-Off Fall Time
tf
-
4.69
-
ns
Notes:
4. Device mounted on FR-4 PCB with minimum recommended pad layout. The value in any given application depends on the user’s specific board design.
5. Device mounted on 1” x 1” FR-4 PCB with high coverage 1 oz. Copper, single sided , device is measured at t
≤ 10 sec.
6. Repetitive rating, pulse width limited by junction temperature.
7. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = 25°C
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com