Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4808B-2 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4808B-2
Description  High Performance Dual Ended PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B-2 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4808B-2 Datasheet HTML 9Page - Semtech Corporation SC4808B-2 Datasheet HTML 10Page - Semtech Corporation SC4808B-2 Datasheet HTML 11Page - Semtech Corporation SC4808B-2 Datasheet HTML 12Page - Semtech Corporation SC4808B-2 Datasheet HTML 13Page - Semtech Corporation SC4808B-2 Datasheet HTML 14Page - Semtech Corporation SC4808B-2 Datasheet HTML 15Page - Semtech Corporation SC4808B-2 Datasheet HTML 16Page - Semtech Corporation SC4808B-2 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
© 2009 Semtech Corp.
www.semtech.com
SC4808B-2
POWER MANAGEMENT
It should be noted that if high speed/high current drivers
such as the SC1301 are used, careful layout guide lines
must be followed in order to minimize stray inductance,
which might cause negative voltages at the output of the
drivers. This negative voltage can be clamped to a reason-
able level by placing a small Schottky diode directly at the
output of the driver as shown below.
C34
0.1u
VCC
VCC
U3
SC1301A
1
4
3
2
5
C23
0.1u
EN
U6
SC1301A
1
4
3
2
EN
VCC
R28
10
2.2u,16V
C26
REF
D_A
0.1u,25V
C33
R33
10k
SYNC
U4
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
D_B
Gate_A
5
Gate_B
R23
56.2k
Vin
OVER CURRENT
Two levels of over current protection are provided by the
SC4808B-2. The current information is sensed at the CS
pin and compared to a peak current limit level of 525mV.
If the 525mV limit is exceeded, the OUTA and OUTB pulse
widths and duty cycle is reduced until the CS pin reaches a
second threshold of 950mV. At that point, the OUTA and
OUTB are disabled, and after a delay of 140µs, the inter-
nal softstart sequence is started. After the softstart dura-
tion (see page 21 for calculation of softstart time), normal
operation is achieved, unless the over current condition is
still present.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com