Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4027SSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN4027SSS
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4027SSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN4027SSS Datasheet HTML 1Page - Diodes Incorporated DMN4027SSS Datasheet HTML 2Page - Diodes Incorporated DMN4027SSS Datasheet HTML 3Page - Diodes Incorporated DMN4027SSS Datasheet HTML 4Page - Diodes Incorporated DMN4027SSS Datasheet HTML 5Page - Diodes Incorporated DMN4027SSS Datasheet HTML 6Page - Diodes Incorporated DMN4027SSS Datasheet HTML 7Page - Diodes Incorporated DMN4027SSS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMN4027SSS
Document Number DS32103 Rev 1 - 2
1 of 8
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4027SSS
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = 25°C
40V
27m
Ω @ VGS= 10V
8.0A
47m
Ω @ VGS= 4.5V
6.1A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
and yet maintain superior switching performance, making it ideal for
high efficiency power management applications.
•
Motor control
•
Backlighting
•
DC-DC Converters
•
Power management functions
Features and Benefits
•
Low on-resistance
•
Fast switching speed
•
“Green” component and RoHS compliant (Note 1)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0 (Note 1)
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals Connections: See diagram below
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DMN4027SSS-13
N4027SS
13
12
2,500
Note:
1. Diodes, Inc. defines “Green” products as those which are RoHS compliant and contain no halogens or antimony compounds; further information about
Diodes Inc.’s “Green” Policy can be found on our website. For packaging details, go to our website.
Marking Information
Top View
D
S
G
Equivalent Circuit
Top View
SO-8
= Manufacturer’s Marking
N4027SS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-53)
N4027SS
YY
WW


Similar Part No. - DMN4027SSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4027SSD DIODES-DMN4027SSD Datasheet
700Kb / 8P
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31204 Rev 1 - 2
DMN4027SSD-13 DIODES-DMN4027SSD-13 Datasheet
700Kb / 8P
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31204 Rev 1 - 2
DMN4027SSD-13 DIODES-DMN4027SSD-13 Datasheet
746Kb / 8P
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN4027SSDQ-13 DIODES-DMN4027SSDQ-13 Datasheet
746Kb / 8P
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN4027SSD DIODES-DMN4027SSD_15 Datasheet
746Kb / 8P
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMN4027SSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com