Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4034SSD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN4034SSD-13
Description  40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4034SSD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN4034SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMN4034SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMN4034SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMN4034SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMN4034SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMN4034SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMN4034SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMN4034SSD-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMN4034SSD
Document Number DS32105 Rev 1 - 2
2 of 8
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4034SSD
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
40
V
Gate-Source voltage
(Note 2)
VGS
±20
V
Continuous Drain current
VGS = 10V
(Note 4)
ID
6.3
A
TA = 70°C (Note 4)
5.0
(Note 3)
4.8
Pulsed Drain current
VGS= 10V
(Note 5)
IDM
24.8
A
Continuous Source current (Body diode)
(Note 4)
IS
3.3
A
Pulsed Source current (Body diode)
(Note 5)
ISM
24.8
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power dissipation
Linear derating factor
(Notes 3 & 6)
PD
1.25
10.0
W
mW/
°C
(Notes 3 & 7)
1.80
14.3
(Notes 4 & 6)
2.14
17.2
Thermal Resistance, Junction to Ambient
(Notes 3 & 6)
RθJA
100
°C/W
(Notes 3 & 7)
70
(Notes 4 & 6)
58
Thermal Resistance, Junction to Lead
(Notes 6 & 8)
RθJL
55
Operating and storage temperature range
TJ, TSTG
-55 to 150
°C
Notes:
2. AEC-Q101 VGS maximum is ±16V.
3. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
4. Same as note (3), except the device is measured at t
≤ 10 sec.
5. Same as note (3), except the device is pulsed with D= 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
6. For a dual device with one active die.
7. For a device with two active die running at equal power.
8. Thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com