Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4050SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP4050SSD
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4050SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP4050SSD Datasheet HTML 1Page - Diodes Incorporated DMP4050SSD Datasheet HTML 2Page - Diodes Incorporated DMP4050SSD Datasheet HTML 3Page - Diodes Incorporated DMP4050SSD Datasheet HTML 4Page - Diodes Incorporated DMP4050SSD Datasheet HTML 5Page - Diodes Incorporated DMP4050SSD Datasheet HTML 6Page - Diodes Incorporated DMP4050SSD Datasheet HTML 7Page - Diodes Incorporated DMP4050SSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMP4050SSD
Document Number DS32107 Rev 2 - 2
4 of 8
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4050SSD
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-40
⎯
⎯
V
ID = -250μA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-0.5
μA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1.0
⎯
-3.0
V
ID = -250μA, VDS = VGS
Static Drain-Source On-Resistance (Note 9)
RDS (ON)
⎯
0.038
0.050
Ω
VGS = -10V, ID = -6A
0.055
0.079
VGS = -4.5V, ID = -5A
Forward Transconductance (Notes 9 & 10)
gfs
⎯
14
⎯
S
VDS = -15V, ID = -6A
Diode Forward Voltage (Note 9)
VSD
⎯
-0.86
-1.2
V
IS = -6A, VGS = 0V
Reverse recovery time (Note 10)
trr
18
⎯
ns
IS = -2A, di/dt = 100A/μs
Reverse recovery charge (Note 10)
Qrr
⎯
12.7
⎯
nC
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
⎯
674
⎯
pF
VDS = -20V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
⎯
115
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
67.7
⎯
pF
Total Gate Charge (Note 11)
Qg
⎯
6.9
⎯
nC
VGS = -4.5V
VDS = -20V
ID = -6A
Total Gate Charge (Note 11)
Qg
⎯
13.9
⎯
nC
VGS = -10V
Gate-Source Charge (Note 11)
Qgs
⎯
2
⎯
nC
Gate-Drain Charge (Note 11)
Qgd
⎯
3.4
⎯
nC
Turn-On Delay Time (Note 11)
tD(on)
⎯
1.9
⎯
ns
VDD = -20V, VGS = -10V
ID = -1A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 11)
tr
⎯
3.1
⎯
ns
Turn-Off Delay Time (Note 11)
tD(off)
⎯
31.5
⎯
ns
Turn-Off Fall Time (Note 11)
tf
⎯
12.6
⎯
ns
Notes:
9.
Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
10. For design aid only, not subject to production testing.
11. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com