Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-93C46B Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-93C46B
Description  3-WIRE SERIAL E2PROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46B Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-93C46B_1 Datasheet HTML 9Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 10Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 11Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 12Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 13Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 14Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 15Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 16Page - Seiko Instruments Inc S-93C46B_1 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
3-WIRE SERIAL E
2PROM
Rev.7.0_00
S-93C46B/56B/66B
Seiko Instruments Inc.
13
4.
Writing (WRITE, ERASE, WRAL, ERAL)
A write operation includes four write instructions: data write (WRITE), data erase (ERASE), chip write (WRAL),
and chip erase (ERAL).
A write instruction (WRITE, ERASE, WRAL, ERAL) starts a write operation to the memory cell when a low level
is input to CS after a specified number of clocks have been input.
The SK and DI inputs are invalid during the
write period, so do not input an instruction.
Input an instruction while the output status of the DO pin is high or high impedance (High-Z).
A write operation is valid only in program enable mode (refer to “5. Write enable (EWEN) and write disable
(EWDS)
”).
4. 1
Verify operation
A write operation executed by any instruction is completed within 8 ms (write time tPR: typically 4 ms), so if
the completion of the write operation is recognized, the write cycle can be minimized.
A sequential
operation to confirm the status of a write operation is called a verify operation.
(1) Operation
After the write operation has started (CS
= low), the status of the write operation can be verified by
confirming the output status of the DO pin by inputting a high level to CS again.
This sequence is
called a verify operation, and the period that a high level is input to the CS pin after the write operation
has started is called the verify operation period.
The relationship between the output status of the DO pin and the write operation during the verify
operation period is as follows.
• DO pin = low: Writing in progress (busy)
• DO pin = high: Writing completed (ready)
(2) Operation example
There are two methods to perform a verify operation:
Waiting for a change in the output status of the
DO pin while keeping CS high, or suspending the verify operation (CS
= low) once and then performing
it again to verify the output status of the DO pin.
The latter method allows the CPU to perform other
processing during the wait period, allowing an efficient system to be designed.
Caution 1. Input a low level to the DI pin during a verify operation.
2. If a high level is input to the DI pin at the rise of SK when the output status of the DO pin is
high, the S-93C46B/56B/66B latches the instruction assuming that a start bit has been input.
In this case, note that the DO pin immediately enters a high-impedance
(High-Z) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com