Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECW Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # ECW
Description  Digital Contacting Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ECW Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  ECW Datasheet HTML 1Page - Bourns Electronic Solutions ECW Datasheet HTML 2Page - Bourns Electronic Solutions ECW Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5 ms DELAY
DEBOUNCE
(MC 14490)
.0015 f
9
7
MAGNITUDE
(CUSTOMER LOGIC CIRCUITRY)
DECODE
LOGIC
UP/DOWN
COUNTER
DIRECTION
BINARY
OUTPUT
Features
■
Incremental encoder / quadrature output
■
Exceptionally long operating life
■
Sturdy construction
■
Bushing mount
■
Available with PC board mounting bracket (optional)
ECW - Digital Contacting Encoder
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Characteristics
Output .......................................................................................... 2-bit gray code, Channel A leads Channel B by 90 º electrically turning clockwise (CW)
Closed Circuit Resistance .......................................................................................................................................................................... 5 ohms maximum
Open Circuit Resistance.......................................................................................................................................................................100 K ohms minimum
Contact Rating ................................................................................................................................................. 10 milliamp @ 10 VDC or 0.1 watt maximum
Insulation Resistance (500 VDC) ................................................................................................................................................... 1,000 megohms minimum
Dielectric Withstanding Voltage (MIL-STD-202 Method 301)
Sea Level ............................................................................................................................................................................................ 1,000 VAC minimum
Electrical Travel..................................................................................................................................................................................................... Continuous
Contact Bounce (15 RPM)............................................................................................................................................................... 5 milliseconds maximum
RPM (Operating)............................................................................................................................................................................................... 120 maximum
Phase Tolerance (CH A to CH B)............................................................................................................................................................................90 ° ± 72 °
Environmental Characteristics
Operating Temperature Range .........................................................................................................................................-40 ºC to +85 ºC (-40 °F to 185 °F)
Storage Temperature Range ......................................................................................................................................... -40 ºC to +85 ºC (-40 °F to +185 °F)
Humidity ............................................................................................................................................................... MIL-STD-202, Method 103B, Condition B
Vibration .......................................................................................................................................................................................................................... 15 G
Contact Bounce.......................................................................................................................................................................... 0.1 millisecond maximum
Shock .............................................................................................................................................................................................................................. 50 G
Contact Bounce.......................................................................................................................................................................... 0.1 millisecond maximum
Rotational Life ................................................................................................................................................................................ 200,000 shaft revolutions
IP Rating ..........................................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle ................................................................................................................................................................................................. Continuous
Running Torque (Detented).............................................................................................................................................0.5 to 1.5 N-cm (0.75 to 2.25 oz-in.)
Undetented Torque........................................................................................................................................................0.17 to 1.0 N-cm (0.25 to 1.50 oz-in)
Mounting Torque ....................................................................................................................................................................... 79 N-cm (7 lb.-in.) maximum
Shaft Side Load (Static)................................................................................................................................................................... 4.5 kg (10 lbs.) minimum
Weight ................................................................................................................................................................................ Approximately 21 gms. (0.75 oz.)
Terminals ................................................................................................................................................................................................. PC pin or solder lug
Soldering Condition
Manual Soldering.................................................................................................................. 96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire
370 °C (700 °F) max. for 3 seconds
Wave Soldering...........................................................................................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux
260 °C (500 °F) max. for 5 seconds
Wash processes ....................................................................................................................................................................................Not recommended
Marking..........................................................................................................................Manufacturer’s name and trademark, part number, and date code.
Hardware ............................................... One lockwasher and one mounting nut are shipped with each encoder, except where noted in the part number.
Quadrature Output Table – This table is intended to show available outputs as currently defined.
RECOMMENDED INCREMENTAL CONTROL DIAGRAM FOR USE WITH A DEBOUNCE CIRCUIT
1/4 CYCLE PER DETENT
Open Circuit
CW
Channel A
D DDD DD D D DD D D D D D D
D
Closed Circuit
Open Circuit
Closed Circuit
Channel B
FULL CYCLE PER DETENT (Normally Open in Detent Shown)
Open Circuit
CW
Channel A
D
D
DDD
Closed Circuit
Open Circuit
Closed Circuit
Channel B


Similar Part No. - ECW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ECW BOURNS-ECW Datasheet
456Kb / 3P
Digital Contacting Encoder
ECW BOURNS-ECW Datasheet
1Mb / 8P
Non-Contacting Magnetic Encoder
logo
France Joint
ECW FRANCEJOINT-ECW Datasheet
305Kb / 1P
COVER SEALS
logo
SpectraLinear Inc
ECW-181B SPECTRALINEAR-ECW-181B Datasheet
221Kb / 2P
3.5??WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5?쒭rive Bays Inside
ECW-181BS1 SPECTRALINEAR-ECW-181BS1 Datasheet
221Kb / 2P
3.5??WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5?쒭rive Bays Inside
More results

Similar Description - ECW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ECW BOURNS-ECW Datasheet
456Kb / 3P
Digital Contacting Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
Non-Contacting Absolute Encoder
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
Non-Contacting Incremental Encoder
ECW1J-C24-BC0024L BOURNS-ECW1J-C24-BC0024L Datasheet
304Kb / 3P
ECW - Digital Contacting Encoder
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
Digital Contacting Encoder
EMS22P BOURNS-EMS22P_14 Datasheet
405Kb / 5P
Non-Contacting PWM Encoder
EMS22Q BOURNS-EMS22Q_14 Datasheet
351Kb / 5P
Non-Contacting Incremental Encoder
EPS BOURNS-EPS Datasheet
179Kb / 3P
Digital Contacting Encoder With Momentary Switch Option
ES-L BOURNS-ES-L Datasheet
173Kb / 3P
Shaftless Contacting Encoder
ECW0J-B24-BC0006L BOURNS-ECW0J-B24-BC0006L Datasheet
304Kb / 3P
ECW - Digital Contacting Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com