Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLU Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MLU
Description  ESD Protectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MLU Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MLU Datasheet HTML 1Page - Bourns Electronic Solutions MLU Datasheet HTML 2Page - Bourns Electronic Solutions MLU Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
ChipGuard® MLU Series - ESD Protectors
Product Dimensions
CG0402
CG0603
Dimension
Series
Series
L
1.00 ± 0.15
1.60 ± 0.20
(0.04 ± 0.006)
(0.064 ± 0.008)
W
0.50 ± 0.10
0.80 ± 0.20
(0.02 ± 0.004)
(0.032 ± 0.008)
A
0.36 ± 0.05
0.45 ± 0.10
(0.014 ± 0.002)
(0.018 ± 0.004)
B
0.25 ± 0.15
0.30 ± 0.20
(0.10 ± 0.006)
(0.012 ± 0.008)
DIMENSIONS:
MM
(INCHES)
Recommended Pad Layout
L
W
B
A
A
C
B
D
CG0402
CG0603
Dim.
Series
Series
A
0.51
0.76
(0.020)
(0.030)
B
0.61
1.02
(0.024)
(0.040)
C
0.51
0.50
(0.020)
(0.020)
D
1.70
2.54
(0.067)
(0.100)
Solder Reflow Recommendations
110 sec. (min.)
300
250
200
150
100
50
0
30-70
sec.
120 sec. (min.)
Preheat Stages 1-3
Soldering
Cooling
Time (seconds)
• This product can be damaged by rapid heating, cooling or localized heating.
• Heat shocks should be avoided. Preheating and gradual cooling recommended.
• Excessive solder can damage the device. Print solder thickness of 150 to 200 um recommended.
• Solder gun tip temperature should be kept below 280 °C and should not touch the device directly. Contact should be less than 3 seconds.
A solder gun under 30 watts is recommended.
A
Stage 1 Preheat
Ambient to Preheating
30 s to 60 s
Temperature
B
Stage 2 Preheat
140 °C to 160 °C
60 s to 120 s
C
Stage 3 Preheat
Preheat to 200 °C
20 s to 40 s
D
Main Heating
200 °C
60 s to 70 s
210 °C
55 s to 65 s
220 °C
50 s to 60 s
230 °C
40 s to 50 s
240 °C
30 s to 40 s
E
Cooling
200 °C to 100 °C
1 °C/s to 4 °C/s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com