Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POW-1644L-LWC50-B-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # POW-1644L-LWC50-B-R
Description  Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

POW-1644L-LWC50-B-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  POW-1644L-LWC50-B-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-B ( 6 : 1 )
C-C ( 5 : 1 )
Microphone
POW-1644L-LWC50-B-R
J.D.
B.R.
R.W.
9/4/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
10/10/2006
Date
10/11/2006
Date
10/11/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
POW-1644L-LWC50-B-R.idw
A3
SIZE
B
B
C
C
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
10/10/2006
A
REVISED OPERATING TEMPERATURE AND IP RATING
6/9/2008
B.R.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
9/4/2008
B.R.
C
ADDED PIN LOCATION
7/14/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
DIRECTIVITY
OMNI
-
SENSITIVTY
-44 ± 3
dB
STANDARD OPERATING VOLTAGE
2
Vdc
MAX OPERATING VOLTAGE
10
Vdc
CURRENT CONSUMPTION (MAX)
0.5
mA
IMPEDANCE
2.2
KOhm
SIGNAL TO NOISE RATIO (MIN.)
60
dB
OPERATING TEMPERATURE
-20 ~ +70
°C
TERMINAL
LEAD WIRE
-
INTERNAL CAPACITOR
N/A
pF
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
Δ
4. MOLEX CONNECTOR P/N: 51021-0200
5. PART IS IP57 RATED.
6. ASSEMBLY IS WASHABLE WITH BOOT IN PLACE.
7.1
n`0.1
MICROPHONE
BOOT
ASSEMBLY
1.6
`0.2
6
n`0.1
50
`3
3.2
n`0.1
2.6
`0.1
4.9
`0.1 5.8 `0.1
1.8
`0.1
BLACK PIN 2
TERM. 2 (-)
RED PIN 1
TERM. 1 (+)
UL1571 AWG #30
WATERPROOF
BARRIER


Similar Part No. - POW-1644L-LWC50-B-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
POW-1644L-LWC50-B-R PUIAUDIO-POW-1644L-LWC50-B-R Datasheet
422Kb / 3P
7.1mm overall diameter and 2.6mm height
More results

Similar Description - POW-1644L-LWC50-B-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-4540L-R PUI-AOM-4540L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-4544P-NF-R PUI-AOM-4544P-NF-R Datasheet
56Kb / 1P
MICROPHONE
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
POM-1644P-NF-R PUI-POM-1644P-NF-R Datasheet
58Kb / 1P
MICROPHONE
POM-1844P-C33-R PUI-POM-1844P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2240P-C33-R PUI-POM-2240P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2244P-2-R PUI-POM-2244P-2-R Datasheet
95Kb / 1P
MICROPHONE
POM-2246P-C33-R PUI-POM-2246P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2738L-R PUI-POM-2738L-R Datasheet
55Kb / 1P
MICROPHONE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com