Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS-1508-2-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMS-1508-2-R
Description  Surface Mount Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMS-1508-2-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMS-1508-2-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Speaker
SMS-1508-2-R
R.A.C.
R.W.
4/7/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
4/28/2005
Date
Date
4/28/2005
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMS-1508-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
4/28/2005
A
REMOVED LEAD FREE ADDED RoHS NOTE
8/10/2005
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
4/07/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
0.3
W
MAX INPUT POWER
0.5
W
IMPEDANCE
8 ± 15%
OHM
OUTPUT SPL @ 0.3W/10cm
(AT 1.0, 1.2, 1.5, 2.0 kHz)
87 ± 3
dBA
DISTORTION (MAX.)
10%
-
RESONANT FREQUENCY
850 ± 20%
Hz
FREQUENCY RANGE
850 ~ 20,000
Hz
HOUSING MATERIAL
PPS
-
CONE MATERIAL
MYLAR
-
MAGNET MATERIAL
SmCo
-
OPERATING TEMPERATURE
-40 ~ +85
°C
WEIGHT
2.1
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. PART IS NOT WASHABLE.
4. THIS PART IS RoHS 2002/95/EC COMPLIANT.
15
15
4.01
5.01
12.5
12.5
10.75
6
1.5
PICK & PLACE TAB
CAP
PART IS NOT WASHABLE


Similar Part No. - SMS-1508-2-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMS-1508-2-R PUIAUDIO-SMS-1508-2-R Datasheet
236Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMS-1508-2-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Systemsensor advanced i...
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SPWK GAMEWELL-FCI-SPWK Datasheet
272Kb / 3P
Wall mount outdoor speaker
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
Ceiling-Mount Speaker/Strobes
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
logo
PUI audio inc.
SMS-1508MS-2-R PUIAUDIO-SMS-1508MS-2-R Datasheet
782Kb / 3P
15mm square micro dynamic surface mount speaker with 87 dB sensitivity
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com