Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K40P81M100SF2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # K40P81M100SF2
Description  K40 Sub-Family Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K40P81M100SF2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button K40P81M100SF2 Datasheet HTML 9Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 10Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 11Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 12Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 13Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 14Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 15Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 16Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Table 2. LVD and POR operating requirements (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VHYS
Low-voltage inhibit reset/recover hysteresis —
low range
40
mV
VBG
Bandgap voltage reference
TBD
1.00
TBD
V
tLPO
Internal low power oscillator period
factory trimmed
TBD
1000
TBD
μs
1. Rising thresholds are falling threshold + VHYS
5.1.3 Voltage and current operating behaviors
Table 3. Voltage and current operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
VOH
Output high voltage — high drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = -10mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = -3mA
VDD – 0.5
VDD – 0.5
—
—
V
V
Output high voltage — low drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = -2mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = -0.6mA
VDD – 0.5
VDD – 0.5
—
—
V
V
IOHT
Output high current total for all ports
—
100
mA
VOL
Output low voltage — high drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 10mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 3mA
—
—
0.5
0.5
V
V
Output low voltage — low drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 2mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 0.6mA
—
—
0.5
0.5
V
V
IOLT
Output low current total for all ports
—
100
mA
IIN
Input leakage current (per pin)
—
1
μA
IOZ
Hi-Z (off-state) leakage current (per pin)
—
1
μA
RPU and
RPD
Internal weak pullup and pulldown resistors
30
50
kΩ
1
1. Measured at VIL max and VDD min
General
K40 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
Freescale Semiconductor, Inc.
Preliminary
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com