Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K40P104M100SF2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # K40P104M100SF2
Description  K40 Sub-Family Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K40P104M100SF2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button K40P104M100SF2 Datasheet HTML 17Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 18Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 19Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 20Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 21Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 22Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 23Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 24Page - Freescale Semiconductor, Inc K40P104M100SF2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Table 11. JTAG electricals (continued)
Symbol
Description
Min.
Max.
Unit
J3
TCLK clock pulse width
• JTAG and CJTAG
• Serial Wire Debug
20
10
—
—
ns
J4
TCLK rise and fall times
—
3
ns
J5
Boundary scan input data setup time to TCLK rise
20
—
ns
J6
Boundary scan input data hold time after TCLK rise
0
—
ns
J7
TCLK low to boundary scan output data valid
—
30
ns
J8
TCLK low to boundary scan output high-Z
—
30
ns
J9
TMS, TDI input data setup time to TCLK rise
16
—
ns
J10
TMS, TDI input data hold time after TCLK rise
1
—
ns
J11
TCLK low to TDO data valid
—
4
ns
J12
TCLK low to TDO high-Z
—
4
ns
J13
TRST assert time
100
—
ns
J14
TRST setup time (negation) to TCLK high
8
—
ns
J2
J3
J3
J4
J4
TCLK (input)
Figure 5. Test clock input timing
Peripheral operating requirements and behaviors
K40 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
Freescale Semiconductor, Inc.
Preliminary
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com