Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOM-1145S-C33-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # TOM-1145S-C33-R
Description  MICROPHONE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

TOM-1145S-C33-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  TOM-1145S-C33-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - TOM-1145S-C33-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
TOM-1045S-C33-R PUI-TOM-1045S-C33-R Datasheet
274Kb / 1P
Microphone
logo
PUI audio inc.
TOM-1242L-NF-C3310-R PUIAUDIO-TOM-1242L-NF-C3310-R Datasheet
440Kb / 5P
Ultra-small 4mm diameter
logo
Projects Unlimited, Inc...
TOM-1242L-NF-R PUI-TOM-1242L-NF-R Datasheet
177Kb / 1P
Microphone
TOM-1245S-C33-R PUI-TOM-1245S-C33-R Datasheet
55Kb / 1P
MICROPHONE
logo
PUI audio inc.
TOM-1537L-HD-R PUIAUDIO-TOM-1537L-HD-R Datasheet
842Kb / 5P
True 20 Hz to 20 kHz performance
More results

Similar Description - TOM-1145S-C33-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-4540L-R PUI-AOM-4540L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-4544P-NF-R PUI-AOM-4544P-NF-R Datasheet
56Kb / 1P
MICROPHONE
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
POM-1644P-NF-R PUI-POM-1644P-NF-R Datasheet
58Kb / 1P
MICROPHONE
POM-1844P-C33-R PUI-POM-1844P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2240P-C33-R PUI-POM-2240P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2244P-2-R PUI-POM-2244P-2-R Datasheet
95Kb / 1P
MICROPHONE
POM-2246P-C33-R PUI-POM-2246P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2738L-R PUI-POM-2738L-R Datasheet
55Kb / 1P
MICROPHONE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com