Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3464 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  4 Channel LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3464 Datasheet HTML 6Page - National Semiconductor (TI) LM3464 Datasheet HTML 7Page - National Semiconductor (TI) LM3464 Datasheet HTML 8Page - National Semiconductor (TI) LM3464 Datasheet HTML 9Page - National Semiconductor (TI) LM3464 Datasheet HTML 10Page - National Semiconductor (TI) LM3464 Datasheet HTML 11Page - National Semiconductor (TI) LM3464 Datasheet HTML 12Page - National Semiconductor (TI) LM3464 Datasheet HTML 13Page - National Semiconductor (TI) LM3464 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
The total output power of the LED lighting system can be ex-
panded by cascading the LM3464 evaluation boards. In cas-
cade operation, the system involves one master unit and
multiple slave units. Both master and slave units are LM3464
evaluation boards with minor modifications to program the
LM3464 into master or slave modes. The connection diagram
for cascade operation is shown in figure 8. The master unit is
responsible to provide functions as listed in below:
1. Detect rail voltage upon system startup
2. Command slave units to turn on LEDs as its VLedFB volt-
age reaches 2.5V
3. Provide dimming signal to slave units according to the
PWM dimming signal received at its DIM pin
4. Provide dimming signal to slave units according to the volt-
age of its Thermal pin
By default, the LM3464 evaluation board is set to master
mode. To set the board to slave mode, the following changes
to the board are required:
• Remove resistors RFB1 and RFB2
• Connect VLEDFB to VCC
When connecting the master and slaves, the following con-
nections are required:
• Connect the VIN terminal of master and slave units together
and then to the POSITIVE output of the AC/DC power supply
• Connect the PGND terminal of master and slave units to-
gether and then to the NEGATIVE output of the AC/DC power
supply
• Connect the SYNC terminal of the master unit to DIM ter-
minal of the next slave unit in the chain.
• Connect the VFB terminal of master and slave units together
and then to the voltage feedback node of the AC/DC power
supply.
If more than one slave unit is required, the SYNC pin of the
first slave unit should connect to the DIM pin of the next slave
unit to allow propagation of the control signal along the system
chain.
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com