Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # S2A
Description  1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S2A Datasheet(HTML) 2 Page - Diodes Incorporated

  S2A Datasheet HTML 1Page - Diodes Incorporated S2A Datasheet HTML 2Page - Diodes Incorporated S2A Datasheet HTML 3Page - Diodes Incorporated S2A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S2A/A - S2M/A
Document number: DS16004 Rev. 14 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
S2A/A - S2M/A
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
S2
A/AA
S2
B/BA
S2
D/DA
S2
G/GA
S2
J/JA
S2
K/KA
S2
M/MA
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 100°C
I(AV)
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 4)
RθJT
20
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 1.5A
VFM
1.15
V
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
125
µA
Typical Total Capacitance (Note 5)
CT
20
pF
Notes:
4. Thermal Resistance Junction to Terminal, unit mounted on PC board with 5.0 mm
2 (0.013 mm thick) copper pads as heat sink.
5. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
0
0.3
0.6
0.9
1.2
1.5
20
40
60
80
100
120
140
160
T , TERMINAL TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
T
T = 25°C
j
0.01
0.1
1.0
10
0.5
0.7
0.9
1.1
1.3
1.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
I Pulse Width = 300 S
F
μ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com