Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5AC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S5AC
Description  5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S5AC Datasheet(HTML) 1 Page - Diodes Incorporated

  S5AC Datasheet HTML 1Page - Diodes Incorporated S5AC Datasheet HTML 2Page - Diodes Incorporated S5AC Datasheet HTML 3Page - Diodes Incorporated S5AC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S5AC - S5MC
Document number: DS16007 Rev. 9 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
S5AC - S5MC
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Features
•
Glass Passivated Die Construction
•
Low Forward Voltage Drop and High Current Capability
•
Surge Overload Rating to 100A Peak
•
Ideally Suited for Automated Assembly
•
Lead Free Finish/RoHS Compliant (Note 1)
•
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
•
Case: SMC
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band or Cathode Notch
•
Weight: 0.21 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
S5xC-13-F
SMC
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
 
Green
Top View
Bottom View
S5xC = Product type marking code, Ex. S5KC
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
S5xC


Similar Part No. - S5AC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
47Kb / 2P
5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
S5AC DIODES-S5AC Datasheet
82Kb / 3P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
S5AC BILIN-S5AC Datasheet
89Kb / 2P
SURFACE MOUNT RECTIFIER
logo
PACELEADER INDUSTRIAL
S5AC PACELEADER-S5AC Datasheet
145Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Luguang Electr...
S5AC LUGUANG-S5AC Datasheet
172Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - S5AC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5AC DIODES-S5AC_1 Datasheet
82Kb / 3P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
logo
Won-Top Electronics
S5A WTE-S5A Datasheet
51Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Diodes Incorporated
S5GC-13 DIODES-S5GC-13 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5GC-13-F DIODES-S5GC-13-F Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5BC-13-F DIODES-S5BC-13-F Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5DC-13 DIODES-S5DC-13 Datasheet
111Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5BC-13 DIODES-S5BC-13 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5AC DIODES-S5AC_15 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
logo
Zibo Seno Electronic En...
GS5A ZSELEC-GS5A Datasheet
89Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GF5A ZSELEC-GF5A Datasheet
56Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com