Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD06 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # HD06
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HD06 Datasheet(HTML) 1 Page - Diodes Incorporated

  HD06 Datasheet HTML 1Page - Diodes Incorporated HD06 Datasheet HTML 2Page - Diodes Incorporated HD06 Datasheet HTML 3Page - Diodes Incorporated HD06 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HD01 – HD06
Document number: DS17003 Rev. 13 - 2
1 of 4
www.diodes.com
December 2010
© Diodes Incorporated
HD01 – HD06
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features and Benefits
•
Glass Passivated Die Construction
•
Low Forward Voltage Drop
•
Surge Overload Rating to 30A Peak
•
Ideally Suited for Automated Assembly
•
Miniature Package Saves Space on PC Boards
•
UL Listed Under Recognized Component Index, File Number
E94661
•
Lead Free Finish, RoHS Compliant (Note 1)
Mechanical Data
•
Case: MiniDIP
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ Tin. Plated Leads, Solderable per MIL-STD-
202, Method 208
•
Polarity: As Marked on Case
•
Marking: Type Number, Date Code & Polarity Markings
•
Weight: 0.125 grams (approximate)
Ordering Information (Note 2)
Device*
Packaging
Shipping
HDxx-T
MiniDIP
3K/Tape & Reel, 13-inch
*xx = Device type, e.g. HD02-T or HD04-T, etc.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For packaging details, visit our website at http://www.diodes.com.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Equivalent Circuit
HDxx = Product Type Marking Code (ex: HD04)
YM = Date Code Marking
Y = Last Digit of the Year
M = See Month/Code Table Below
HDxx
YM


Similar Part No. - HD06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD06 DIODES-HD06 Datasheet
54Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. F-2
logo
Micro Commercial Compon...
HD06 MCC-HD06 Datasheet
93Kb / 2P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
logo
Diodes Incorporated
HD06 DIODES-HD06 Datasheet
90Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 12 - 2
logo
Diotech Company.
HD06 DIOTECH-HD06 Datasheet
870Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
HD06 CHENDA-HD06 Datasheet
547Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - HD06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DS17003 DIODES-DS17003 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 13
logo
DONGGUAN YOU FENG WEI E...
UM1B-UMB YFWDIODE-UM1B-UMB Datasheet
572Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS1-ABS-LBF YFWDIODE-ABS1-ABS-LBF Datasheet
419Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1F-MBF YFWDIODE-MB1F-MBF Datasheet
424Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_17 Datasheet
242Kb / 5P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 14
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com