Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L15 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8L15
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L15 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8L15 Datasheet HTML 29Page - STMicroelectronics STM8L15 Datasheet HTML 30Page - STMicroelectronics STM8L15 Datasheet HTML 31Page - STMicroelectronics STM8L15 Datasheet HTML 32Page - STMicroelectronics STM8L15 Datasheet HTML 33Page - STMicroelectronics STM8L15 Datasheet HTML 34Page - STMicroelectronics STM8L15 Datasheet HTML 35Page - STMicroelectronics STM8L15 Datasheet HTML 36Page - STMicroelectronics STM8L15 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 122 page
background image
STM8L151xx, STM8L152xx
Pin description
Doc ID 15962 Rev 5
33/122
15
-
-
-
PE1/TIM1_CH2N
/LCD_SEG2(2)
I/O
X
XX
HS
X
X Port E1
Timer 1 - inverted
channel 2 / LCD
segment 2
16
-
-
-
PE2/TIM1_CH3N
/LCD_SEG3(2)
I/O
X
XX
HS
X
X Port E2
Timer 1 - inverted
channel 3 / LCD
segment 3
17
-
-
- PE3/LCD_SEG4(2)
I/O
X
XX
HS
X
X Port E3
LCD segment 4
18
-
-
- PE4/LCD_SEG5(2)
I/O
X
XX
HS
X
X Port E4
LCD segment 5
19
-
-
-
PE5/LCD_SEG6(2)/
ADC1_IN23/COMP2_INP/
COMP1_INP
I/O
X
XX
HS
X
X Port E5
LCD segment 6 /
ADC1_IN23
/ Comparator 2 positive
input / Comparator 1
positive input
47
-
-
-
PE6/LCD_SEG26(2)/
PVD_IN
I/O
X
XX
HS
X
X Port E6
LCD segment
26/PVD_IN
48
-
-
- PE7/LCD_SEG27(2)
I/O
X
XX
HS
X
X Port E7
LCD segment 27
32
-
-
-
PF0/ADC1_IN24/
DAC_OUT
I/O
X
XX
HS
X
X Port F0
ADC1_IN24 / DAC_OUT
13
9
-
- VLCD(2)
S
LCD booster external capacitor
13
-
-
- Reserved(7)
Reserved. Must be tied to VDD
10
-
-
- VDD
S
Digital power supply
11
-
-
- VDDA
S
Analog supply voltage
12
-
-
- VREF+
S
ADC1 and DAC positive voltage
reference
-8
7 G4 VDD1/VDDA/VREF+
S
Digital power supply / Analog
supply voltage / ADC1 positive
voltage reference
97
6 F4 VSS1/VSSA/VREF-
S
I/O ground / Analog ground voltage
/
ADC1 negative voltage reference
39
-
-
- VDD2
S
IOs supply voltage
Table 5.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com