Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U3 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM8L151C4U3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U3 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM8L151C4U3 Datasheet HTML 60Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 61Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 62Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 63Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 64Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 65Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 66Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 67Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
64/122
Doc ID 15962 Rev 5
9.3.2
Power-up / power-down operating conditions
Table 18.
Operating conditions at power-up / power-down
Symbol(1)
Parameter(1)
Conditions(1)
Min
Typ
Max
Unit
tVDD
VDD rise time rate
0(2)
∞
µs/V
VDD fall time rate
0(2)
∞
tTEMP
Reset release delay
VDD rising
3ms
VPDR
Power-down reset threshold
Falling edge
1.46
1.5
1.54
V
VBOR0
Brown-out reset threshold 0
(BOR_TH[2:0]=000)
Falling edge
1.67
1.7
1.74
Rising edge
1.69
1.75
1.80
VBOR1
Brown-out reset threshold 1
(BOR_TH[2:0]=001)
Falling edge
1.87
1.93
1.97
Rising edge
1.96
2.04
2.07
VBOR2
Brown-out reset threshold 2
(BOR_TH[2:0]=010)
Falling edge
2.22
2.3
2.35
Rising edge
2.31
2.41
2.44
VBOR3
Brown-out reset threshold 3
(BOR_TH[2:0]=011)
Falling edge
2.45
2.55
2.60
Rising edge
2.54
2.66
2.7
VBOR4
Brown-out reset threshold 4
(BOR_TH[2:0]=100)
Falling edge
2.68
2.80
2.85
Rising edge
2.78
2.90
2.95
VPVD0
PVD threshold 0
Falling edge
1.80
1.84
1.88
Rising edge
1.88
1.94
1.99
VPVD1
PVD threshold 1
Falling edge
1.98
2.04
2.09
Rising edge
2.08
2.14
2.18
VPVD2
PVD threshold 2
Falling edge
2.2
2.24
2.28
Rising edge
2.28
2.34
2.38
VPVD3
PVD threshold 3
Falling edge
2.39
2.44
2.48
Rising edge
2.47
2.54
2.58
VPVD4
PVD threshold 4
Falling edge
2.57
2.64
2.69
Rising edge
2.68
2.74
2.79
VPVD5
PVD threshold 5
Falling edge
2.77
2.83
2.88
Rising edge
2.87
2.94
2.99
VPVD6
PVD threshold 6
Falling edge
2.97
3.05
3.09
Rising edge
3.08
3.15
3.20
1.
Based on characterization results, unless otherwise specified.
2.
Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com