Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U3 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM8L151C4U3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U3 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM8L151C4U3 Datasheet HTML 110Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 111Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 112Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 113Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 114Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 115Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 116Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 117Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 122 page
background image
Package characteristics
STM8L151xx, STM8L152xx
114/122
Doc ID 15962 Rev 5
e4
2.390
2.400
2.410
0.0941
0.0945
0.0949
F
0.239
0.249
0.259
0.0094
0.0098
0.0102
G
0.208
0.218
0.228
0.0082
0.0086
0.0090
eee
0.050
0.0020
Number of pins
N28
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Table 61.
WLCSP28 – 28-pin wafer level chip scale package,
package mechanical data (continued)
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com