Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ5221B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5221B
Description  350mW SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5221B Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5221B Datasheet HTML 1Page - Diodes Incorporated MMBZ5221B Datasheet HTML 2Page - Diodes Incorporated MMBZ5221B Datasheet HTML 3Page - Diodes Incorporated MMBZ5221B Datasheet HTML 4Page - Diodes Incorporated MMBZ5221B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBZ5221B - MMBZ5259B
Document number: DS18011 Rev. 21 - 2
2 of 5
www.diodes.com
August 2010
© Diodes Incorporated
MMBZ5221B - MMBZ5259B
Electrical Characteristics @TA = 25°C unless otherwise specified
Type
Number
Type
Code
Zener Voltage Range (Note 4)
Maximum Zener
Impedance (Note 5)
Maximum Reverse
Leakage Current (Note 4)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
Ω
μA
V
MMBZ5221B
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5222B
KC2
2.5
2.38
2.63
20
30
1200
100
1.0
MMBZ5223B
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225B
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226B
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227B
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228B
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229B
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230B
KG5/8E
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231B
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232B
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233B
KE3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMBZ5234B
KE4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235B
KE5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236B
KF1/8L
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237B
KF2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238B
KF3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239B
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240B
KF5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241B
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242B
KH2/8S
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243B
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5244B
KH4
14
13.30
14.70
9.0
15
600
0.1
10
MMBZ5245B
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246B
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248B
KJ3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250B
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251B
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252B
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254B
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255B
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256B
KM1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257B
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258B
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259B
KM4
39
37.05
40.95
3.2
80
800
0.1
30
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. f = 1KHz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com