Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR5486E Datasheet(PDF) 7 Page - Exar Corporation

Part # XR5486E
Description  ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR5486E Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR5486E Datasheet HTML 3Page - Exar Corporation XR5486E Datasheet HTML 4Page - Exar Corporation XR5486E Datasheet HTML 5Page - Exar Corporation XR5486E Datasheet HTML 6Page - Exar Corporation XR5486E Datasheet HTML 7Page - Exar Corporation XR5486E Datasheet HTML 8Page - Exar Corporation XR5486E Datasheet HTML 9Page - Exar Corporation XR5486E Datasheet HTML 10Page - Exar Corporation XR5486E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
XR5486E-5488E
7
REV. 1.0.0
ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND +/-15KV ESD-PROTECTION
NOTE:
1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage
are the changes in output voltage when DI input changes state.
2. The transceivers are put into shutdown by bringing RE High and DE Low simultaneously for at least 600ns. If the
control inputs are in this state for less than 50ns, the device is guaranteed not enter shutdown. If the enable inputs
are held in this state for at least 600ns the device is assured to be in shutdown. Note that the receiver and driver
enable times increase during shutdown.
3. Guaranteed by design and bench characterization.
4. Except devices which do not have DE or RE inputs.
tZL(SHDN)
Shutdown to Receiver Output Valid
Low
1
μs
CL = 15pF, RL = 1kΩ, Figures 14
and 16
tSHDN
Time to Shutdown
50
200
600
ns
Notes 2, 3 and 4
POWER REQUIREMENTS AND RECOMMENDED OPERATING CONDITIONS
Vcc
Supply Voltage
4.75
5.0
5.25
V
ICC1
Supply Current - Active Mode
800
1500
μA
No Load, DE = RE = Vcc or 0V,
DI = 0V or Vcc
ICC2
Supply Current - Shutdown Mode
1
μA
DE = 0V, RE = Vcc, DI = Vcc or 0V
TSD
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
ESD Protection at Pins A, B, Y and
Z pins
+/-15
kV
Human Body Model
+/-15
kV
IEC-61000-4-2 Air Discharge
+/-8
kV
IEC-61000-4-2 Contact Discharge
ESD Protection for RO, DI, DE and
RE pins
+/-2
kV
Human Body Model
+/-200
V
Machine Model
UNLESS OTHERWISE NOTED: VCC = +5.0V +/-0.25V WITH TA FROM -40
OC TO +85OC. TYPICAL VALUES ARE AT VCC
= +5.0V AND 25OC.
SYMBOL
PARAMETERS
MIN
TYP
MAX
UNIT
S
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com