Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603FA1-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 0603FA1-R
Description  Chip??Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

0603FA1-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  0603FA1-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 0603FA1-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
De
es
sc
crriip
pttiio
on
n
• Fast-acting 0603 surface mount fuse
• Excellent temperature and cycling characteristics
• Compatible with lead free solders and higher
temperature profiles
A
Ag
ge
en
nc
cy
y IIn
nffo
orrm
ma
attiio
on
n
• UL Recognition Guide & File numbers:
JDYX2 &E19180
• CSA Component Acceptance: 053787 C 000 &
Class Number: 1422 30
E
En
nv
viirro
on
nm
me
en
ntta
all D
Da
atta
a
• Operating temparture: -55ºC to 125ºC with proper
derating
• Load humidity test: MIL-STD-202, Method 103B
• Moisture resistance test: MIL-STD-202, Method 106E
• Thermal shock test: MIL-STD-202, Method 107D
• High frequency vibration test: MIL-STD-202,
Method 204D
O
Orrd
de
erriin
ng
g
• Specify packaging and product code
(i.e., TR/0603FA250-R)
S
So
olld
de
erriin
ng
g M
Me
etth
ho
od
d
• Wave solder: 260°C, 10 sec max.
• Solder reflow: 260°C, 30 sec max.
1.25
(0.05)
0.50
0.90
(0.035)
(0.02)
R
Re
ec
co
om
mm
me
en
nd
de
ed
d P
Pa
ad
d L
La
ay
yo
ou
utt –
– m
mm
m//iin
nc
ch
he
es
s
D
Diim
me
en
ns
siio
on
ns
s –
– m
mm
m//iin
nc
ch
he
es
s
Drawing Not to Scale
E
Elle
ec
cttrriic
ca
all C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
%
% o
off A
Am
mp
p R
Ra
attiin
ng
g
O
Op
pe
en
niin
ng
g T
Tiim
me
e
100%
4 Hours Minimum
200%
60 Seconds Maximum
Chip™ Fuses
0603FA Series, Fast-Acting
S
Su
urrffa
ac
ce
e M
Mo
ou
un
ntt D
De
ev
viic
ce
e
S
Sp
pe
ec
ciiffiic
ca
attiio
on
ns
s
C
Cu
urrrre
en
ntt
IIn
ntte
errrru
up
pttiin
ng
g
D
DC
C C
Co
olld
d
T
Ty
yp
piic
ca
all
T
Ty
yp
piic
ca
all
A
Allp
ph
ha
a
P
Pa
arrtt N
Nu
um
mb
be
err
R
Ra
attiin
ng
g
V
Vo
olltta
ag
ge
e
R
Ra
attiin
ng
g ((a
am
mp
ps
s)) a
att
R
Re
es
siis
stta
an
nc
ce
e**** ((
Ω
Ω))
M
Me
ellttiin
ng
g
V
Vo
olltta
ag
ge
e
C
Co
od
de
e
((a
am
mp
ps
s))
R
Ra
attiin
ng
g
R
Ra
atte
ed
d V
Vo
olltta
ag
ge
e**
T
Ty
yp
piic
ca
all
II22tt******
D
Drro
op
p†
†
M
Ma
arrk
kiin
ng
g‡
‡
0
06
60
03
3F
FA
A2
25
50
0--R
R
250mA
50Vdc
50
3.100
0.0004
0.921
D
0
06
60
03
3F
FA
A3
37
75
5--R
R
375mA
50Vdc
50
1.250
0.0009
0.605
E
0
06
60
03
3F
FA
A5
50
00
0--R
R
500mA
32Vac/50dc
50ac/35dc
1.025
0.00193
0.600
F
0
06
60
03
3F
FA
A7
75
50
0--R
R
750mA
32Vac/dc
50
0.450
0.0090
0.440
G
0
06
60
03
3F
FA
A1
1--R
R
1
32Vac/dc
50
0.150
0.0025
0.211
H
0
06
60
03
3F
FA
A1
1..2
25
5--R
R
1.25
32Vac/dc
35
0.108
0.0130
0.151
J
0
06
60
03
3F
FA
A1
1..5
5--R
R
1.5
32Vac/dc
35
0.086
0.0319
0.138
K
0
06
60
03
3F
FA
A2
2--R
R
2
32Vac/dc
35
0.051
0.0491
0.116
N
0
06
60
03
3F
FA
A2
2..5
5--R
R
2.5
32Vac/dc
35
0.037
0.0625
0.113
O
0
06
60
03
3F
FA
A3
3--R
R
3
32Vac/dc
35
0.028
0.0699
0.110
P
0
06
60
03
3F
FA
A3
3..5
5--R
R
3.5
32Vac/dc
35
0.022
0.1200
0.103
R
0
06
60
03
3F
FA
A4
4--R
R
4
32Vac/dc
35
0.017
0.2430
0.097
S
0
06
60
03
3F
FA
A5
5--R
R
5
32Vac/dc
35
0.011
0.6950
0.090
T
* DC Interrupting rating (Measured at designated voltage, time constant of less than 50 microseconds, battery source)
** DC Cold resistance (Measured at ≤10% of rated current)
*** Typical melting I2t (Measured with a battery bank at rated DC voltage, 10x-rated current, not to exceed IR, time constant of calibrated circuit less than 50
microseconds) (0603FA4A and 5A measured at interrupting rating)
† Typical voltage drop (Measured at rated current after temperature stabilizes)
‡ Alpha code to be marked on the top of fuse body for all ratings
0210
BU-SB10140
Page 1 of 2
Data Sheet 4336
Pb
HALOGEN
HF
FREE


Similar Part No. - 0603FA1-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
0603FA1-R COOPER-0603FA1-R Datasheet
560Kb / 2P
Chip??Fuses 0603FA Series, Fast-Acting
logo
Eaton All Rights Reserv...
0603FA1-R EATON-0603FA1-R Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
More results

Similar Description - 0603FA1-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H COOPER-CC12H Datasheet
303Kb / 2P
High I2t Chip??Fuses
logo
Vishay Siliconix
TFU0603 VISHAY-TFU0603 Datasheet
119Kb / 7P
Thick Film Chip Fuses
26-May-10
logo
KOA Speer Electronics, ...
SF45N110TTE KOA-SF45N110TTE Datasheet
241Kb / 2P
chip type resettable fuses
logo
Protek Devices
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
slow blow chip fuses
logo
Cooper Bussmann, Inc.
TR3216FF7-R COOPER-TR3216FF7-R Datasheet
335Kb / 2P
Chip Fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
Chip Fuses
logo
Cooper Bussmann, Inc.
3216LV COOPER-3216LV Datasheet
113Kb / 2P
Chip??Fuses
CC12H1A COOPER-CC12H1A_16 Datasheet
1Mb / 8P
High I짼t Chip fuses
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
High I짼t Chip fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com