Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR1045
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR1045 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR1045 Datasheet HTML 1Page - Diodes Incorporated MBR1045 Datasheet HTML 2Page - Diodes Incorporated MBR1045 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23009 Rev. 9 - 2
1 of 3
MBR1030-MBR1060
www.diodes.com
ã Diodes Incorporated
MBR1030 - MBR1060
10A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin 1
Pin 1
Pin 2
Pin 2
Case
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: TO-220AC
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Marking: Type Number
·
Weight: 2.24 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
1030
MBR
1035
MBR
1040
MBR
1045
MBR
1050
MBR
1060
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@TC = 125
°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage Drop
@ IF = 10A, TC = 25
°C
@ IF = 10A, TC = 125
°C
VFM
0.84
0.57
0.95
0.70
V
Peak Reverse Current
@TC = 25
°C
at Rated DC Blocking Voltage
@TC = 125
°C
IRM
0.1
15
0.1
25
mA
Typical Total Capacitance (Note 2)
CT
400
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJc
2.5
°C/W
Voltage Rate of Change (Rated VR)
dV/dt
1000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
TO-220AC
Dim
Min
Max
A
14.48
15.75
B
10.00
10.40
C
2.54
3.43
D
5.90
6.40
E
2.80
3.93
G
12.70
14.27
J
0.69
0.93
K
3.54
3.78
L
4.07
4.82
M
1.15
1.39
N
0.30
0.50
P
2.04
2.79
R
4.83
5.33
All Dimensions in mm


Similar Part No. - MBR1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1045 MOTOROLA-MBR1045 Datasheet
148Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
logo
Fairchild Semiconductor
MBR1045 FAIRCHILD-MBR1045 Datasheet
46Kb / 3P
10 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1045 DIODES-MBR1045 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
General Semiconductor
MBR1045 GE-MBR1045 Datasheet
66Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1045 MCC-MBR1045 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1045

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com