Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD945 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SD945
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD945 Datasheet(HTML) 3 Page - Diodes Incorporated

  SD945 Datasheet HTML 1Page - Diodes Incorporated SD945 Datasheet HTML 2Page - Diodes Incorporated SD945 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD930 / SD940 / SD945
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 6 Typical I vs. % of V
RR
T = 125ºC
j
T = 85ºC
j
T = 25ºC
j
100
10
1.0
0.1
0.01
Ordering Information (Note 6)
Part Number
Case
Packaging
SD930-B
DO-201AD
500/Bulk
SD930-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SD940-B
DO-201AD
500/Bulk
SD940-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SD945-B
DO-201AD
500/Bulk
SD945-T
DO-201AD
1.2K/Tape & Reel, 13-inch
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Package Outline Dimensions
SD930 / SD940 / SD945
Document number: DS23026 Rev. 5 - 2
3 of 3
www.diodes.com
May 2008
© Diodes Incorporated
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
DO-201AD
Dim
Min
Max
A
25.40
⎯
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com