Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4403 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT4403
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT4403 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT4403_2 Datasheet HTML 1Page - Diodes Incorporated MMBT4403_2 Datasheet HTML 2Page - Diodes Incorporated MMBT4403_2 Datasheet HTML 3Page - Diodes Incorporated MMBT4403_2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
DS30058 Rev. 9 - 2
2 of 4
www.diodes.com
MMBT4403
© Diodes Incorporated
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
⎯
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
⎯
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICEX
⎯
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
Base Cutoff Current
IBL
⎯
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
30
60
100
100
20
⎯
⎯
⎯
300
⎯
⎯
IC = -100µA, VCE = -1.0V
IC = -1.0mA, VCE = -1.0V
IC = -10mA, VCE = -1.0V
IC = -150mA, VCE = -2.0V
IC = -500mA, VCE = -2.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.40
-0.75
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.75
⎯
-0.95
-1.30
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
8.5
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
⎯
30
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.5
15
k
Ω
Voltage Feedback Ratio
hre
0.1
8.0
x 10
-4
Small Signal Current Gain
hfe
60
500
⎯
Output Admittance
hoe
1.0
100
μS
VCE = -10V, IC = -1.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
200
⎯
MHz
VCE = -10V, IC = -20mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
⎯
15
ns
Rise Time
tr
⎯
20
ns
VCC = -30V, IC = -150mA,
VBE(off) = -2.0V, IB1 = -15mA
Storage Time
ts
⎯
225
ns
Fall Time
tf
⎯
30
ns
VCC = -30V, IC = -150mA,
IB1 = IB2 = -15mA
Notes:
4. Short duration pulse test used to minimize self-heating effect.
1
100
1,000
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
10
V
= 5V
CE
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Maximum Power Dissipation vs.
Ambient Temperature
A
150
200
250
300
350
0
Note 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com