Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C256C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C256C
Description  serial electrically erasable and programmable read-only memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C256C Datasheet HTML 1Page - ATMEL Corporation AT24C256C Datasheet HTML 2Page - ATMEL Corporation AT24C256C Datasheet HTML 3Page - ATMEL Corporation AT24C256C Datasheet HTML 4Page - ATMEL Corporation AT24C256C Datasheet HTML 5Page - ATMEL Corporation AT24C256C Datasheet HTML 6Page - ATMEL Corporation AT24C256C Datasheet HTML 7Page - ATMEL Corporation AT24C256C Datasheet HTML 8Page - ATMEL Corporation AT24C256C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Atmel AT24C256C
8568C–SEEPR–5/10
1.
Absolute Maximum Ratings*
Operating Temperature ..........................
−55°C to +125°C
Storage Temperature ...........................
−65°C to + 150°C
Voltage on Any Pin
with Respect to Ground...............................
− 1.0 V +7.0V
Maximum Operating Voltage ................................... 6.25V
DC Output Current ................................................ 5.0 mA
*NOTICE: Stresses beyond those listed under “Absolute
Maximum
Ratings”
may
cause
permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions beyond those indicated in
the operational sections of this specification are
not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
Figure 1-1.
Block Diagram
START
STOP
LOGIC
VCC
GND
WP
SCL
SDA
A
2
A
1
A
0
SERIAL
CONTROL
LOGIC
EN
H.V. PUMP/TIMING
EEPROM
DATA RECOVERY
SERIAL MUX
D
OUT/ACK
LOGIC
COMP
LOAD
INC
DATA WORD
ADDR/COUNTER
Y DEC
R/W
D
OUT
D
IN
LOAD
DEVICE
ADDRESS
COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com