Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16W
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16W Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16W Datasheet HTML 1Page - Diodes Incorporated BAS16W Datasheet HTML 2Page - Diodes Incorporated BAS16W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD4148W / BAS16W
SURFACE MOUNT FAST SWITCHING DIODE
Features
•
Fast Switching Speed
•
Ultra-Small Surface Mount Package
•
For General Purpose Switching Applications
•
High Conductance
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3, 4 and 5)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-323
•
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
•
Polarity: See Diagram
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.006 grams (approximate)
SOT-323
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
75
⎯
V
IR = 1.0μA
Forward Voltage
VF
⎯
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 2)
IR
⎯
1.0
50
30
25
μA
μA
μA
nA
VR = 75V
VR = 75V, TJ = 150°C
VR = 25V, TJ = 150°C
VR = 20V
Total Capacitance
CT
⎯
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead. Halogen and Antimony Free.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5.
Product manufactured with Green Molding Compound and does not contain Halogens or Sb2O3 Fire Retardants.
MMBD4148W / BAS16W
Document number: DS30094 Rev. 12 - 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAS16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16W PHILIPS-BAS16W Datasheet
57Kb / 12P
High-speed diode
1999 May 06
logo
Won-Top Electronics
BAS16W WTE-BAS16W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
Silicon Switching Diode (For high speed switching applications)
logo
Diodes Incorporated
BAS16W DIODES-BAS16W Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30094 Rev. 12 - 2
More results

Similar Description - BAS16W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com