Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF212 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF212
Description  single-chip RF transceiver provides a complete radio interface
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF212 Datasheet HTML 17Page - ATMEL Corporation AT86RF212 Datasheet HTML 18Page - ATMEL Corporation AT86RF212 Datasheet HTML 19Page - ATMEL Corporation AT86RF212 Datasheet HTML 20Page - ATMEL Corporation AT86RF212 Datasheet HTML 21Page - ATMEL Corporation AT86RF212 Datasheet HTML 22Page - ATMEL Corporation AT86RF212 Datasheet HTML 23Page - ATMEL Corporation AT86RF212 Datasheet HTML 24Page - ATMEL Corporation AT86RF212 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
21
8168C-MCU Wireless-02/10
AT86RF212
4.4.1 Register Description – SPI Control
Register 0x04 (TRX_CTRL_1):
The TRX_CTRL_1 register is a multi purpose register to control various operating
modes and settings of the radio transceiver.
Table 4-4. Register 0x04 (TRX_CTRL_1)
Bit
7
6
5
4
Name
PA_EXT_EN
IRQ_2_EXT_EN
TX_AUTO_CRC_ON
RX_BL_CTRL
Read/Write
R/W
R/W
R/W
R/W
Reset Value
0
0
1
0
Bit
3
2
1
0
Name
SPI_CMD_MODE
SPI_CMD_MODE
IRQ_MASK_MODE
IRQ_POLARITY
Read/Write
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
• Bit 7 – PA_EXT_EN
Refer to section 9.4.3.
• Bit 6 – IRQ_2_EXT_EN
Refer to section 9.5.2.
• Bit 5 – TX_AUTO_CRC_ON
Refer to section 6.3.5.
• Bit 4 – RX_BL_CTRL
Refer to section 9.6.2.
• Bit 3:2 – SPI_CMD_MODE
Each SPI transfer returns bytes back to the SPI master. The content of the first byte can
be configured using register bits SPI_CMD_MODE.
Table 4-5. PHY Status Information
Register Bits
Value
Description
0
First byte = 0x00
1
Monitor TRX_STATUS register, see section 5.1.5
2
Monitor PHY_RSSI register, see section 6.4.4
SPI_CMD_MODE
3
Monitor IRQ_STATUS register, see section 4.7.2
Interrupts are not cleared.
• Bit 1:0 – IRQ_MASK_MODE, IRQ_POLARITY
Refer to section 4.7.2.
4.5 Radio Transceiver Identification
The AT86RF212 can be identified by four registers. One register contains a unique part
number and one register the corresponding version number. Additional two registers
contain the JEDEC manufacture ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com