Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C20522101 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C20522101
Description  Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C20522101 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C20522101 Datasheet HTML 1Page - General Cable Technologies Corporation C20522101 Datasheet HTML 2Page - General Cable Technologies Corporation C20522101 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C2052.21.01
Product SKU:
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid,
Product Description:
Jacket: Premium Grade PVC, Temperature Range: -20°C to +105°C - Black - 1000 Ft. Spool
Product Category:
Electronics - Hook-Up Wire - UL 1007, UL 1569, CSA TR-64 - SOLID CONDUCTORS - Black
Product Construction:
Conductor:
24 thru 16 AWG
Fully-annealed, tinned copper per ASTM B-33
Solid or stranded
Insulation:
Color Code: See chart below
Premium grade color-coded PVC
Temperature range: -20°C to +105°C
Product Specification:
Conductor Size (AWG):
18
Conductor/Strands:
Solid
No. of Pairs:
1
Jacket Color:
Black
Nominal Insulation Thickness
0.016
(in):
Nominal Insulation Thickness
0.40
(mm):
Nominal Outside Diameter (in):
0.072
Nominal Outside Diameter
1.83
(mm):
Standard Packaging:
1000' Spool


Similar Part No. - C20522101

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C20522102 GENERAL-C20522102 Datasheet
75Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
C20522105 GENERAL-C20522105 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
More results

Similar Description - C20522101

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C20032103 GENERAL-C20032103 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 24, Conductor/Strands: Solid
C20042101 GENERAL-C20042101 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042107 GENERAL-C20042107 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042110 GENERAL-C20042110 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20282101 GENERAL-C20282101 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 20, Conductor/Strands: Solid
C20282108 GENERAL-C20282108 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 20, Conductor/Strands: Solid
C20522102 GENERAL-C20522102 Datasheet
75Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
C20522105 GENERAL-C20522105 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
C20532103 GENERAL-C20532103 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 16, Conductor/Strands: Solid
C20532110 GENERAL-C20532110 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 16, Conductor/Strands: Solid
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com